| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IIS2DULPX bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS2DULPX bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 106 page ![]() 6.2.3 SPI read in 3-wire mode 3-wire mode is entered by setting the PIN_CTRL (0Ch) (SIM) bit equal to 1 (SPI serial interface mode selection). Figure 19. SPI read protocol in 3-wire mode CS SPC SDI/O RW DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 AD5 AD4 AD3 AD2 AD1 AD0 AD6 The SPI read command is performed with 16 clock pulses: bit 0: READ bit. The value is 1. bit 1-7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first). A multiple read command is also available in 3-wire mode. IIS2DULPX Digital interfaces DS14580 - Rev 1 page 33/106 |