| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES7020BDF bảng dữ liệu(PDF) 5 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES7020BDF bảng dữ liệu(HTML) 5 Page - ESS Technology,Inc |
|
5 / 6 page ![]() ESS Technology, Inc. SAM0617-031405 5 ES7020 PRODUCT BRIEF PINOUT (P14 TO AF26) The pinout diagram for the decoder ATAPI, decoder GPIO and test interfaces, and for part of the encoder SDRAM, decoder host, and decoder S/PDIF audio interfaces of the ES7020, appears in Figure 4. The pound symbol (#) denotes an active-low signal. The rest of the ES7020 device pinout appears in Figure 1, Figure 2 and Figure 3. Figure 4 ES7020 Device Pinout (P14 to AF26) 26 25 24 23 22 21 20 19 18 17 U V W Y AA AB AC AD AE AF P R T 16 15 14 VSS VSS VSS VSS VSS VSS VSS VSS VSS 16 15 14 P R T VSS MD18 MD19 MD20 MD21 MD22 MD23 MD24 VDD1.5 MD25 MD26 MD27 MD28 MD29 MD30 MD31 MA0 MA1 MA2 MA3 VSS MA4 MA5 MA6 MA7 MA8 MA9 MA10 VDD3.3 MA11 MA12 MA13 GPIO0 GPIO1 GPIO2 GPIO3 VSS VSS VSS VSS VSS GPIO4 GPIO5 GPIO6 GPIO7 GPIO8 GPIO9 GPIO11 GPIO10 HA1 HA2 SPDIF_ OUT HCS3FX# HIRQ HA0 HCS1FX# HD10 HD9 HD8 HD7 HD11 HD12 HD13 HD14 VDD1.5 HD15 DVD_ DRQ DVD_ IRQ HDD_ IRQ HDD_ DRQ HIORDY DVD_ CS# VSS DVD_ WR# DVD_ RD# DVD_ ACK# HDD_ CS# HDD_ WR# HDD_ RD# HDD_ ACK# HRST# HRD# HWR# HRRQ# VDD3.3 RSVD HWRQ# HIO CS16# |