công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89CV51RB2FBC bảng dữ liệu(PDF) 32 Page - NXP Semiconductors

tên linh kiện P89CV51RB2FBC
Giải thích chi tiết về linh kiện  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC bảng dữ liệu(HTML) 32 Page - NXP Semiconductors

Back Button P89CV51RB2FBC Datasheet HTML 28Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 29Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 30Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 31Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 32Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 33Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 34Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 35Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
32 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
6.5.3 Programmable clock-out
A 50 % duty cycle clock can be programmed to come out on pin T2 (P1[0], Clock-out
mode). This pin, besides being a regular I/O pin, has two additional functions. It can be
programmed:
1. To input the external clock for timer/counter 2, or
2. To output a 50 % duty cycle clock ranging from 122 Hz to 8 MHz at a 16 MHz
operating frequency.
To configure the timer/counter 2 as a clock generator, bit C/T2 (in T2CON) must be
cleared and bit T2OE in T2MOD must be set. Bit TR2 (T2CON.2) also must be set to start
the timer.
The clock-out frequency depends on the oscillator frequency and the reload value of
Timer 2 capture registers (RCAP2H, RCAP2L) as shown in Equation 2:
(2)
Where (RCAP2H, RCAP2L) = the content of RCAP2H and RCAP2L taken as a 16-bit
unsigned integer.
In the Clock-out mode, Timer 2 roll-overs will not generate an interrupt. This is similar to
when it is used as a baud rate generator.
6.5.4 Baud rate generator mode
Bits TCLK and/or RCLK in T2CON allow the UART transmit and receive baud rates to be
derived from either Timer 1 or Timer 2; see Section 6.6 for details. When TCLK = 0, Timer
1 is used as the UART transmit baud rate generator. When TCLK = 1, Timer 2 is used as
the UART transmit baud rate generator. RCLK has the same effect for the UART receive
baud rate. With these two bits, the serial port can have different receive and transmit baud
rates – Timer 1 or Timer 2.
Figure 14 shows Timer 2 in Baud rate generator mode:
OscillatorFrequency
2
65536
RCAP2H RCAP2L
,
()
–
()
×
------------------------------------------------------------------------------------------
Fig 14. Timer 2 in Baud rate generator mode
002aaa526
TX/RX baud rate
timer 2
interrupt
OSC
÷2
T2 pin
C/T2 = 0
C/T2 = 1
TL2
(8-bits)
TH2
(8-bits)
control
TR2
EXF2
RCAP2L RCAP2H
control
EXEN2
transition
detector
T2EX pin
reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73