công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1178IPAPR bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1178IPAPR
Giải thích chi tiết về linh kiện  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPR bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 14Page - Texas Instruments ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments ADS1178IPAPR Datasheet HTML 16Page - Texas Instruments ADS1178IPAPR Datasheet HTML 17Page - Texas Instruments ADS1178IPAPR Datasheet HTML 18Page - Texas Instruments ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments ADS1178IPAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
www.ti.com
FORMAT[2:0]
DRDY/FSYNC (SPI Format)
SERIAL INTERFACE PROTOCOLS
DRDY
SCLK
1/f
DATA
1/f
CLK
DOUT
SPI SERIAL INTERFACE
DIN
SCLK
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
recommended to keep SCLK as clean as possible to
prevent glitches from accidentally shifting the data.
Data can be read from the ADS1174/78 with two
SCLK may be run as fast as the CLK frequency.
serial interface protocols (SPI or Frame-Sync) and
SCLK may be either in free-running or stop-clock
several options of data formats (TDM/Discrete and
operation
between
conversions.
For
best
Fixed/Dynamic data positions). The FORMAT[2:0]
performance, use fSCLK/fCLK ratios of 1, 1/2, 1/4, 1/8,
inputs are used to select among the options. Table 11
etc. NOTE: One CLK period is required after DRDY
lists the available options. See the DOUT Modes
falls, to start shifting data (see Timing Requirements:
section for details of the DOUT modes and data
SPI Format ).
positions.
Table 11. Data Output Format
In the SPI format, this pin functions as the DRDY
INTERFACE
DOUT
DATA
output. It goes low when data are ready for retrieval
FORMAT[2:0]
PROTOCOL
MODE
POSITION
and then returns high on the falling edge of the first
000
SPI
TDM
Dynamic
subsequent SCLK. If data are not retrieved (that is,
001
SPI
TDM
Fixed
SCLK is held low), DRDY will pulse high just before
010
SPI
Discrete
—
the next conversion data are ready, as shown in
Figure 16. The new data are loaded within one CLK
011
Frame-Sync
TDM
Dynamic
cycle before DRDY goes low. All data must be shifted
100
Frame-Sync
TDM
Fixed
out before this time to avoid being overwritten.
101
Frame-Sync
Discrete
—
Data are retrieved from the ADS1174/78 using the
serial interface. Two protocols are available: SPI and
Frame-Sync. The same pins are used for both
interfaces: SCLK,
DRDY/FSYNC,
DOUT[4:1]
(or
Figure 16. DRDY Timing with No Readback
DOUT[8:1]
for
the
ADS1178),
and
DIN.
The
FORMAT[2:0]
pins
select
the
desired
interface
protocol.
In Discrete Data Output mode, the conversion data
are output on the individual DOUT pins (DOUT1,
DOUT2, etc.), whereas in TDM mode, data are output
The SPI-compatible format is a simple read-only
only on DOUT1. The MSB data are valid on
interface. Data ready for retrieval are indicated by the
DOUT[4:1]/[8:1]
when
DRDY
goes
low.
The
falling DRDY output and are shifted out on the falling
subsequent bits are shifted out with each falling edge
edge of SCLK, MSB first. The interface can be
of SCLK. If daisy-chaining (TDM mode), the data
daisy-chained using the DIN input when using
shifted in using DIN will appear on DOUT1 after all
multiple
ADS1174/78s.
See
the
Daisy-Chaining
channel data have been shifted out.
section for more information.
This input is used when multiple ADS1174/78s are to
The serial clock (SCLK) features a Schmitt-triggered
be daisy-chained together. The DOUT1 pin of the first
input and shifts out data on DOUT on the falling
device connects to the DIN pin of the next, etc. It can
edge. It also shifts in data on the falling edge on DIN
be used with either the SPI or Frame-Sync formats.
when this pin is being used for daisy-chaining. The
Data are shifted in on the falling edge of SCLK. When
device shifts data out on the falling edge and the user
using only one ADS1174/78, tie DIN low. See the
typically shifts this data in on the rising edge. Even
Daisy-Chaining section for more information.
though
the
SCLK
input
has
hysteresis,
it
is
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com