công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1178IPAPR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1178IPAPR
Giải thích chi tiết về linh kiện  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 7Page - Texas Instruments ADS1178IPAPR Datasheet HTML 8Page - Texas Instruments ADS1178IPAPR Datasheet HTML 9Page - Texas Instruments ADS1178IPAPR Datasheet HTML 10Page - Texas Instruments ADS1178IPAPR Datasheet HTML 11Page - Texas Instruments ADS1178IPAPR Datasheet HTML 12Page - Texas Instruments ADS1178IPAPR Datasheet HTML 13Page - Texas Instruments ADS1178IPAPR Datasheet HTML 14Page - Texas Instruments ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
FREQUENCY RESPONSE
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
NormalizedInputFrequency(f /f
IN
T
DA A)
0.45
0.47
0.49
0.51
0.53
0.55
0
-20
-40
-60
-80
-100
-120
-140
0.4
NormalizedInputFrequency(f
IN/fDATA)
0
0.2
0.6
0.8
1.0
20
0
-20
-40
-60
-80
-100
-120
-140
-160
InputFrequency(f /f
IN DATA)
0
16
32
48
64
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
0.2
NormalizedInputFrequency(f /f
IN DATA)
0
0.1
0.3
0.4
0.5
0.6
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
The digital filter sets the overall frequency response.
The filter uses a multi-stage FIR topology to provide
linear phase with minimal passband ripple and high
stop band attenuation. The oversampling ratio of the
digital filter (that is, the ratio of the modulator
sampling to the output data rate: fMOD/fDATA) is 64 for
both High-Speed and Low-Power modes.
Figure 2 shows the frequency response of the
ADS1174/78 normalized to fDATA. Figure 3 shows the
passband ripple. The transition from passband to stop
band is illustrated in Figure 4. The overall frequency
response repeats at 64x multiples of the modulator
frequency fMOD, as shown in Figure 5.
Figure 4. Transition Band Response
Figure 2. Frequency Response
Figure 5. Frequency Response Out to fMOD
These image frequencies, if present in the signal and
not externally filtered, will fold back (or alias) into the
passband, causing errors. Table 2 lists the degree of
image rejection versus external antialiasing filter
order. The stop band of the ADS1174/78 provides
100dB attenuation of frequencies that begin just
beyond the passband and continue out to fMOD.
Placing an antialiasing, low-pass filter in front of the
ADS1174/78 inputs is recommended to limit possible
high-amplitude, out-of-band signals and noise.
Table 2. Antialiasing Filter Order Image Rejection
ANTIALIASING FILTER
IMAGE REJECTION (dB)
ORDER
(f–3dB at fDATA)
Figure 3. Passband Response
1
39
2
75
3
111
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com