công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STMPE2401TBR bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện STMPE2401TBR
Giải thích chi tiết về linh kiện  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 47Page - STMicroelectronics STMPE2401TBR Datasheet HTML 48Page - STMicroelectronics STMPE2401TBR Datasheet HTML 49Page - STMicroelectronics STMPE2401TBR Datasheet HTML 50Page - STMicroelectronics STMPE2401TBR Datasheet HTML 51Page - STMicroelectronics STMPE2401TBR Datasheet HTML 52Page - STMicroelectronics STMPE2401TBR Datasheet HTML 53Page - STMicroelectronics STMPE2401TBR Datasheet HTML 54Page - STMicroelectronics STMPE2401TBR Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
STMPE2401
Mechanical data
51/55
16
Mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55