| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE2401TBR bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2401TBR bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 55 page ![]() STMPE2401 GPIO controller 31/55 Table 29. Bit description Bits Name Description 23:0 AF[x] GPIO Pin ‘x’ Alternate Function Select (where x = 23 to 12). ‘00’ – The corresponding GPIO pin (GPIO[x]) is configured to Primary Function. ‘01’ – The corresponding GPIO pin (GPIO[x]) is configured to Alternate Function 1. ‘10’ – The corresponding GPIO pin (GPIO[x]) is configured to Alternate Function 2. ‘11’ – The corresponding GPIO pin (GPIO[x]) is configured to Alternate Function 3. GPAFR_L_msb Bit 23 22212019181716 AF11 AF10 AF9 AF8 R/W RW RW RWRWRW RWRWRW Reset Value 0 0 0 000 00 GPAFR_L_csb Bit 15 1413121110 9 8 AF7 AF6 AF5 AF4 R/W RW RW RWRWRW RWRWRW Reset Value 0 0 0 000 00 GPAFR_L_lsb Bit 7 65 432 10 AF3 AF2 AF1 AF0 R/W RW RW RWRWRW RWRWRW Reset Value 0 0 0 000 00 |