công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD3530RARDZ bảng dữ liệu(PDF) 22 Page - Analog Devices

tên linh kiện EVAL-AD3530RARDZ
Giải thích chi tiết về linh kiện  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3530RARDZ bảng dữ liệu(HTML) 22 Page - Analog Devices

Back Button EVAL-AD3530RARDZ Datasheet HTML 18Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 19Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 20Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 21Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 22Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 23Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 24Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 25Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Data Sheet
AD3530/AD3530R
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 45
Hardware Reset
RESETB is an active low signal that is falling edge sensitive. As-
serting RESETB sets the device into the POR state. While RESETB
is asserted, all SPI transactions and LDACB pulses are ignored,
and the SDO output is in a high-Z state.
When RESETB is deasserted, the digital core initialization is per-
formed and all DAC registers are reset to their default values. The
digital core must finish the initialization procedure for around 150ns
before any SPI transactions are performed.
Software Reset
The device can also be reset using the serial interface by setting
the SW_RESET bit and RESET_SW bit in the INTERFACE_CON-
FIG_A register. Both bit fields must be written at the same data
phase to trigger a successful software reset. After the software
reset transaction, the POR sequence and digital core initialization
are performed, and all DAC registers are reset to the default val-
ues except for the INTERFACE_CONFIG_A register. Succeeding
SPI transactions cannot be started until after around 150ns have
passed after the last SCLK on the soft reset transaction. See the
Timing Characteristics section for additional information.
SERIAL INTERFACE
The AD3530/AD3530R use 4-wire serial interfaces (CSB, SCLK,
SDI, and SDO) that are compatible with classic SPI, QSPI, and
MICROWIRE interface standards, as well as most digital signal
processors (DSPs). See Figure 2 for a timing diagram of a typical
write sequence. Data is sampled by the AD3530/AD3530R on the
positive edge of the clock. This corresponds to either SPI Mode 0 or
Mode 3.
The 15-bit addressing is enabled by default and, by configuring
the SHORT_INSTRUCTION bit on the Interface Configuration B
Register, has an option for 7-bit addressing for memory locations
below 0x80.
Figure 60. Classic SPI Write
Figure 61. Classic SPI Read
SPI Frame Synchronization
The CSB pin frames data during a SPI transaction. A falling edge
on the CSB enables the digital interface and initiates an SPI trans-
action. Each SPI transaction consists of at least one instruction
phase and one data phase. For all SPI transactions, data is aligned
MSB first. Deasserting the CSB during a SPI transaction terminates
part or all of the data transfer and disables the digital interface. If
the CSB is deasserted (returned high) after one or more registers
are written, completed registers are written or read, but any partially
written register is aborted. Figure 60 and Figure 61 show detailed
timing diagrams for performing register reads and writes via the SPI
interface.
Instruction Phase
Every SPI frame starts with the instruction phase. The instruction
phase immediately follows the falling edge of the CSB that initiates
the SPI transaction. The instruction phase consists of a read/write
bit (R/W) followed by a register address word. Setting R/W low
initiates a write instruction, whereas setting R/W high initiates a
read instruction. The register address word specifies the address
of the register to be accessed. The register address word is 15-bit
in length by default. If required, enable 7-bit addressing with the
SHORT_INSTRUCTION bit on INTERFACE_CONFIG_B register.
See the Interface Configuration B Register section for additional
information.
Data Phase
The data phase immediately follows the instruction phase (as
shown in Figure 62 and Figure 63. The data phase can include
the data for a single-byte register, a multibyte register, or multiple
registers.
If the data phase of a SPI write transaction does not include
the entire byte of data for the register being updated, the
contents of the register are not updated, and INTERFACE_STA-
TUS_A(CLOCK_COUNT_ERR) is set.
Multibyte Registers
Besides the 1-byte registers, the AD3530/AD3530R also contain
registers with two bytes of data stored in adjacent addresses
that are referred to as multibyte registers. When writing to a multi-
byte register, all bytes must be accessed in a single SPI transac-
tion. For this reason, the INTERFACE_CONFIG_C(STRICT_REG-
ISTER_ACCESS) is read only and set to 1. A write transaction to a
multibyte register takes effect after the 16th SCLK edge of the data
phase.
The address of a multibyte register always depends on IN-
TERFACE_CONFIG_A(ADDR_ASCENSTION). With addresses de-
scending, the first byte accessed in the data phase must be the
most significant byte of the multibyte register, and each subsequent
byte corresponds to the data in the next lowest address. With
addresses ascending, the first byte accessed in the data phase
must be the least significant byte of the multibyte register, and
each subsequent byte corresponds to the data in the next highest
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com