công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD3530RARDZ bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện EVAL-AD3530RARDZ
Giải thích chi tiết về linh kiện  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3530RARDZ bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button EVAL-AD3530RARDZ Datasheet HTML 4Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 5Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 6Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 7Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 8Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 9Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 10Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 11Page - Analog Devices EVAL-AD3530RARDZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Data Sheet
AD3530/AD3530R
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 8 of 45
Table 6. Absolute Maximum Ratings
Parameter
Rating
VDD to GND
−0.3V to +6.5V
IOVDD to GND
−0.3V to +2.1V
VOUTn to GND
−0.3V to VDD + 0.3V
VREF1 to GND
−0.3V to VDD + 0.3V
Digital Input Voltage to GND
−0.3V to IOVDD + 0.3V
Temperature
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Absolute Maximum Junction Temperature
150°C
Reflow Soldering Peak Temperature, Pb-Free (J-
STD-020)
260°C
1 Configured as the reference input pin.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operation environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot, sealed enclosure. θJB is the junction
to board thermal resistance. θJC is the is the junction to case
thermal resistance. ᴪJT is the is the junction to top thermal charac-
terization parameter. ᴪJB is the is the junction to board thermal
characterization.
Table 7. Thermal Resistance
Package Type
θJA
θJB
θJC
ᴪJT
ᴪJB
Unit
CB-25-111
43.71 9.64
4.75
4.42
9.64
°C/W
1 Simulation values on JEDEC 2S2P board with 4 thermal vias, still air (0m/sec
airflow).
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com