| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD3530R bảng dữ liệu(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD3530R bảng dữ liệu(HTML) 28 Page - Analog Devices |
|
28 / 45 page ![]() Data Sheet AD3530/AD3530R APPLICATIONS INFORMATION analog.com Rev. 0 | 28 of 45 Option 6 (Controlled Update, Same Data, Software LDAC, and Multiple Channel) Option 6 allows immediate and simultaneous update of multiple DAC_CHn registers identi- fied by MULTI_INPUT_SEL_0(MI_SEL_CH_n) and SW_LDAC_EN_0(SLD_EN_CH_n) bitfields with the same data. Data is contained in MULTI_INPUT_CH register and is initiated through the software LDAC. Option 6 is ideal for multiple channel updates in both single instruc- tion and stream modes. Figure 76. Option 6 Example: Write to Multi_Input_Ch Register with a Soft- ware LDAC, Stream Mode (Loop) and Address Ascending Option 6 is the same as Option 5, except a software LDAC function is used instead of a hardware LDAC function. The SW_LDAC_EN_0 register determines which channel is affected by a software LDAC command. |