| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD3530R bảng dữ liệu(PDF) 42 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD3530R bảng dữ liệu(HTML) 42 Page - Analog Devices |
|
42 / 45 page ![]() Data Sheet AD3530/AD3530R REGISTER DETAILS analog.com Rev. 0 | 42 of 45 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 [7] MD_SEL_CH_7 (R/W) [0] MD_SEL_CH_0 (R/W) [6] MD_SEL_CH_6 (R/W) [1] MD_SEL_CH_1 (R/W) [5] MD_SEL_CH_5 (R/W) [2] MD_SEL_CH_2 (R/W) [4] MD_SEL_CH_4 (R/W) [3] MD_SEL_CH_3 (R/W) Table 36. Bit Descriptions for MULTI_DAC_SEL_0 Bits Bit Name Description Reset Access 7 MD_SEL_CH_7 Multiple DAC Select Channel 7. If selected, write operation on MULTI_DAC_CH also writes DAC_CH7 with the same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH7. 0x1 R/W 0: MD Sel 0. Deselect DAC_CH7 for MULTI_DAC_CH operation. 1: MD Sel 1. Select DAC_CH7 for MULTI_DAC_CH operation. 6 MD_SEL_CH_6 Multiple DAC Select Channel 6. If selected, write operation on MULTI_DAC_CH also writes DAC_CH6 with the same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH6. 0x1 R/W 0: MD Sel 0. Deselect DAC_CH6 for MULTI_DAC_CH operation. 1: MD Sel 1. Select DAC_CH6 for MULTI_DAC_CH operation. 5 MD_SEL_CH_5 Multiple DAC Select Channel 5. If selected, write operation on MULTI_DAC_CH also writes DAC_CH5 with the same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH5. 0x1 R/W 0: MD Sel 0. Deselect DAC_CH5 for MULTI_DAC_CH operation. 1: MD Sel 1. Select DAC_CH5 for MULTI_DAC_CH operation. 4 MD_SEL_CH_4 Multiple DAC Select Channel 4. If selected, write operation on MULTI_DAC_CH also writes DAC_CH4 with the same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH4. 0x1 R/W 0: MD Sel 0. Deselect DAC_CH4 for MULTI_DAC_CH operation. 1: MD Sel 1. Select DAC_CH4 for MULTI_DAC_CH operation. 3 MD_SEL_CH_3 Multiple DAC Select Channel 3. If selected, write operation on MULTI_DAC_CH also writes DAC_CH3 with the same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH3. 0x1 R/W 0: MD Sel 0. Deselect DAC_CH3 for MULTI_DAC_CH operation. 1: MD Sel 1. Select DAC_CH3 for MULTI_DAC_CH operation. 2 MD_SEL_CH_2 Multiple DAC Select Channel 2. If selected, write operation on MULTI_DAC_CH also writes DAC_CH2 with the same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH2. 0x1 R/W 0: MD Sel 0. Deselect DAC_CH2 for MULTI_DAC_CH operation. 1: MD Sel 1. Select DAC_CH2 for MULTI_DAC_CH operation. 1 MD_SEL_CH_1 Multiple DAC Select Channel 1. If selected, write operation on MULTI_DAC_CH also writes DAC_CH1 with the same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH1. 0x1 R/W 0: MD Sel 0. Deselect DAC_CH1 for MULTI_DAC_CH operation. 1: MD Sel 1. Select DAC_CH1 for MULTI_DAC_CH operation. 0 MD_SEL_CH_0 Multiple DAC Select Channel 0. If selected, write operation on MULTI_DAC_CH also writes DAC_CH0 with the same data. If deselected, write operation on MULTI_DAC_CH will have no effect on DAC_CH0. 0x1 R/W 0: MD Sel 0. Deselect DAC_CH0 for MULTI_DAC_CH operation. 1: MD Sel 1. Select DAC_CH0 for MULTI_DAC_CH operation. SOFTWARE LDAC TRIGGER 0 REGISTER Address: 0xE5, Reset: 0x00, Name: SW_LDAC_TRIG_A Initiates transfer of INPUT_CHn to DAC_CHn. Only takes effect on enabled channels identified by SW_LDAC_EN_0. 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7] SLD_TRIG_A (W) [6:0] RESERVED |