công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD3530 bảng dữ liệu(PDF) 28 Page - Analog Devices

tên linh kiện AD3530
Giải thích chi tiết về linh kiện  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD3530 bảng dữ liệu(HTML) 28 Page - Analog Devices

Back Button AD3530 Datasheet HTML 24Page - Analog Devices AD3530 Datasheet HTML 25Page - Analog Devices AD3530 Datasheet HTML 26Page - Analog Devices AD3530 Datasheet HTML 27Page - Analog Devices AD3530 Datasheet HTML 28Page - Analog Devices AD3530 Datasheet HTML 29Page - Analog Devices AD3530 Datasheet HTML 30Page - Analog Devices AD3530 Datasheet HTML 31Page - Analog Devices AD3530 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Data Sheet
AD3530/AD3530R
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 28 of 45
Option 6 (Controlled Update, Same Data,
Software LDAC, and Multiple Channel)
Option 6 allows immediate and simultaneous
update of multiple DAC_CHn registers identi-
fied by MULTI_INPUT_SEL_0(MI_SEL_CH_n) and
SW_LDAC_EN_0(SLD_EN_CH_n) bitfields with the same data.
Data is contained in MULTI_INPUT_CH register and is initiated
through the software LDAC.
Option 6 is ideal for multiple channel updates in both single instruc-
tion and stream modes.
Figure 76. Option 6 Example: Write to Multi_Input_Ch Register with a Soft-
ware LDAC, Stream Mode (Loop) and Address Ascending
Option 6 is the same as Option 5, except a software LDAC
function is used instead of a hardware LDAC function. The
SW_LDAC_EN_0 register determines which channel is affected
by a software LDAC command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45