| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56303 bảng dữ liệu(PDF) 155 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 bảng dữ liệu(HTML) 155 Page - Freescale Semiconductor, Inc |
|
155 / 292 page ![]() ESSI Programming Model DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor 7-23 Figure 7-6. CRB FSL0 and FSL1 Bit Operation (FSR = 0) Serial Clock RX, TX Frame SYNC Word Length: FSL1 = 0, FSL0 = 0 RX, TX Serial Data NOTE: Frame sync occurs while data is valid. Data Data Serial Clock RX, TX Frame SYNC One Bit Length: FSL1 = 1, FSL0 = 0 RX, TX Serial Data NOTE: Frame sync occurs for one bit time preceding the data. Serial Clock TX Frame SYNC Mixed Frame Length: FSL1 = 0, FSL0 = 1 RX Frame Sync Serial Clock TX Frame SYNC Mixed Frame Length: FSL1 = 1, FSL0 = 1 TX Serial Data RX Frame SYNC Data Data Data Data Data Data Data Data Data Data RXSerial Data TX Serial Data RX Serial Data |