công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9202GS bảng dữ liệu(PDF) 11 Page - Richtek Technology Corporation

tên linh kiện RT9202GS
Giải thích chi tiết về linh kiện  Single Synchronous Buck PWM DC-DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202GS bảng dữ liệu(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9202GS Datasheet HTML 6Page - Richtek Technology Corporation RT9202GS Datasheet HTML 7Page - Richtek Technology Corporation RT9202GS Datasheet HTML 8Page - Richtek Technology Corporation RT9202GS Datasheet HTML 9Page - Richtek Technology Corporation RT9202GS Datasheet HTML 10Page - Richtek Technology Corporation RT9202GS Datasheet HTML 11Page - Richtek Technology Corporation RT9202GS Datasheet HTML 12Page - Richtek Technology Corporation RT9202GS Datasheet HTML 13Page - Richtek Technology Corporation RT9202GS Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT9202
11
DS9202-09
March 2007
www.richtek.com
VOUT
3.3V
2.5V
1.5V
Inductor
2
µH
5
µH
2
µH
5
µH
2
µH
5
µH
1000
µF (ESR=53mΩ)
100mV
40mV
110mV
44mV
93mV
37mV
1500
µF (ESR=33mΩ)
62mV
25mV
68mV
28mV
58mV
23mV
3000
µF (ESR=21mΩ)
40mV
16mV
43mV
18mV
37mV
15mV
Table 1
*Refer to Sanyo low ESR series (CE, DX, PX.....)
The suggested L and C are as follows:
2
µH with ≥ 1500µF COUT
5
µH with ≥ 1000µF COUT
Figure 5
Input / Output Capacitor
High frequency/long life decoupling capacitors should be
placed as close to the power pins of the load as physically
possible. Be careful not to add inductance to the PCB
trace, as it could eliminate the performance from utilizing
these low inductance components. Consult with the
manuf acturer of the load on specific decoupling
requirements.
The output capacitors are necessary for filtering output
and stabilizing the close loop (see the PWM loop stability).
For powering advanced, high-speed processors, it is
required to meet with the requirement of fast load
transient, high frequency capacitors with low ESR/ESL
capacitors are recommended.
Another concern is high ESR induced ripple may trigger
UV or OV protections.
PWM Loop Stability
The RT9202 is a voltage mode buck controller designed
for 5V step-down applications. The gain of error amplifier
is fixed at 35dB for simplified design.
The output amplitude of ramp oscillator is 1.75V, the loop
gain and loop pole/zero are calculated as follows :
DC loop gain GA =
LC filter pole PO =
Error Amp pole PA = 300kHz
ESR zero ZO =
The RT9202 Bode plot as shown Figure 6 is stable in
most of application conditions.
V
I
V
O
R
C
D
L
Q
C.C.M
T
ON
T
OFF
T
S
V
L
V
I
- V
O
- V
O
uQ
mI
L
I
L
= I
O
i
L
i
Q
I
Q
I
D
i
D
V
L
OUT
V
0.8
1.75
5
35dB
×
×
LC
2
1
π
ESRC
2
1
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com