công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HE84G762B bảng dữ liệu(PDF) 56 Page - King blillion Electronics Co.,Ltd.

tên linh kiện HE84G762B
Giải thích chi tiết về linh kiện  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KB [King blillion Electronics Co.,Ltd.]
Trang chủ  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B bảng dữ liệu(HTML) 56 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 52Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 53Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 54Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 55Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 56Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 57Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 58Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 59Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 60Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
56
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Input Hysteresis Width
VHYS
1/3
VDD
I/O, RSTP_N Threshold = 2/3 VDD
(Input from low to high), Threshold = 1/3
VDD (Input from high to low)
Output Source Current
IOH
50
µA
Output drive high*1, VOH =2.0V
Output Sink Current
IOL1
1.0
mA
Output drive low, VOL=0.4V
Input Low Current
IIL1
20
µA
RSTP_N, VIL = GND, Pull high
Internally
Input Low Current
IIL2
100
µA
I/O, VIL=GND, if pull high Internally by
user
PWM and DAC
10
14
mA
PWM *2 With 32Ω Loading
6
8
mA
With 64Ω Loading
PWM Output Current
IPWM
4
5
mA
With 100Ω Loading
DAC Output Current
IoVO
2.5
3
mA
VO, DAO@ VDD=3V,VO=0~2V,
Data =FF
Low voltage Reset
LVR detection voltage
VDET
2.2
Volts
LVR release voltage
VRLS
2.31
Volts
Notes:
1. The “Output Source Current” specification is applicable only to the Push-Pull I/O type.
2. This Specification indicates only one PWM driving capability, and there are totally five built-in
drivers, user can multiply the actual number of driver to get the total amount of current. (IPWM x N;
N=0, 1, 2, 3, 4, 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com