công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HE84G762B bảng dữ liệu(PDF) 45 Page - King blillion Electronics Co.,Ltd.

tên linh kiện HE84G762B
Giải thích chi tiết về linh kiện  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KB [King blillion Electronics Co.,Ltd.]
Trang chủ  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B bảng dữ liệu(HTML) 45 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 41Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 42Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 43Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 44Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 45Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 46Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 47Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 48Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 49Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
45
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
MO_LVRE
Function
0
Disable LVR
1
Enable LVR
The voltage detection circuit is temperature compensated to prevent the detection voltage from drifting
with temperature variation.
Vdet
Vrst
VDD
Vrls
20. Infrared output
To achieve an IR output with programmable frequency and duty cycle, two 7-bit registers are employed
here. The IRH register represents the period (on FCK clock number) of output high, while IRL register
represents the period of output low. With this mechanism, the output IR frequency is equal to
FCK/(IRH+IRL), and the high duty cycle ratio is equal to IRH/(IRH+IRL). To make the IRO as output
pin alone, either IRH or IRL can be set as 0. When IRH is 0, the IRO output is a DC low. On the contrary,
if IRL is 0, the output is a DC high. Special care in hardware implementation is also taken according to
the MO_IRO (mask option to determine the default state of the IRO) to avoid glitch when PWM output is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com