công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RTL2832U bảng dữ liệu(PDF) 2 Page - Realtek Semiconductor Corp.

tên linh kiện RTL2832U
Giải thích chi tiết về linh kiện  DVB-T COFDM DEMODULATORUSB 2.0
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REALTEK [Realtek Semiconductor Corp.]
Trang chủ  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL2832U bảng dữ liệu(HTML) 2 Page - Realtek Semiconductor Corp.

  RTL2832U Datasheet HTML 1Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 2Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 3Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 9Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
for
V4L
CONFIDENTIAL
Realtek
RTL2832U
Datasheet
DVB-T COFDM Demodulator + USB 2.0
ii
Track ID: JATR-2265-11
Rev. 1.4
COPYRIGHT
©2010 Realtek Semiconductor Corp. All rights reserved. No part of this document may be reproduced,
transmitted, transcribed, stored in a retrieval system, or translated into any language in any form or by any
means without the written permission of Realtek Semiconductor Corp.
DISCLAIMER
Realtek provides this document “as is”, without warranty of any kind. Realtek may make improvements
and/or changes in this document or in the product described in this document at any time. This document
could include technical inaccuracies or typographical errors.
TRADEMARKS
Realtek is a trademark of Realtek Semiconductor Corporation. Other names mentioned in this document
are trademarks/registered trademarks of their respective owners.
USING THIS DOCUMENT
This document is intended for the hardware and software engineer’s general information on the Realtek
RTL2832U.
Though every effort has been made to ensure that this document is current and accurate, more information
may have become available subsequent to the production of this guide.
REVISION HISTORY
Revision
Release Date
Summary
1.0
2008/06/30
First release.
1.1
2009/02/06
Corrected typing errors.
1.2
2009/02/16
Revised ‘Connects a 12k ohm Resistor to ground’ to ‘Connects a 10k ohm
Resistor to ground’, in the ADC section of Table 1 Pin Descriptions, page 5.
Revised Figure 9, page 44.
1.3
2009/06/29
Corrected minor typing errors.
1.4
2010/11/01
Added Table 38 Crystal Conditions, page 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com