công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RTL2832U bảng dữ liệu(PDF) 13 Page - Realtek Semiconductor Corp.

tên linh kiện RTL2832U
Giải thích chi tiết về linh kiện  DVB-T COFDM DEMODULATORUSB 2.0
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REALTEK [Realtek Semiconductor Corp.]
Trang chủ  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL2832U bảng dữ liệu(HTML) 13 Page - Realtek Semiconductor Corp.

Back Button RTL2832U Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL2832U Datasheet HTML 17Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
for
V4L
CONFIDENTIAL
Realtek
RTL2832U
Datasheet
DVB-T COFDM Demodulator + USB 2.0
7
Track ID: JATR-2265-11
Rev. 1.4
7. Functional Description
The block diagram of the RTL2832U DVB-T demodulator is shown in Figure 1, page 3. The RTL2832U
accepts IF or Zero IF input signals with the analog signal sampled by the internal ADC. The sampled data
stream is then processed by OFDM demodulation. After decoding by an on-chip FEC (Viterbi and
Reed-Solomon decoder) the USB 2.0 interface outputs packets with transport stream data.
A detailed description of each block is given in this section.
7.1. Analog-to-Digital Conversion (ADC)
The internal A/D converter can accept tuner output with various bandwidths (6, 7, 8MHz), different IF
frequencies (4.57M or 36.167M,), Zero IF (I & Q channel) input and can perform spectrum reversion.
Using a sampling clock generated by the internal PLL with a 28.8MHz clock source, the RTL2832U
demodulates the received TV signal.
7.2. Automatic Gain Control (AGC)
The AGC circuit is used to adjust received signal strength to a moderate level for the ADC. This module
supports two output paths, and both are sigma-delta modulated signals. The output signals need additional
RC LPFs (Low-Pass Filters) before feeding to IF and RF VGA in the tuner The delayed AGC algorithm
is described in section 8.1 Automatic Gain Control (AGC), page 11.
7.3. Digital Down Conversion
The RTL2832U uses IF or Zero-IF sampling to process received signals. The Digital Down Conversion
(DDC) circuit converts the sampled IF signal to a complex base-band signal for further processing. The
down conversion frequency and low-pass filter can be programmed according to different IF frequency,
sampling rates, and signal bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com