công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC6989DYYR bảng dữ liệu(PDF) 39 Page - Texas Instruments

tên linh kiện TLC6989DYYR
Giải thích chi tiết về linh kiện  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989DYYR bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 35Page - Texas Instruments TLC6989DYYR Datasheet HTML 36Page - Texas Instruments TLC6989DYYR Datasheet HTML 37Page - Texas Instruments TLC6989DYYR Datasheet HTML 38Page - Texas Instruments TLC6989DYYR Datasheet HTML 39Page - Texas Instruments TLC6989DYYR Datasheet HTML 40Page - Texas Instruments TLC6989DYYR Datasheet HTML 41Page - Texas Instruments TLC6989DYYR Datasheet HTML 42Page - Texas Instruments TLC6989DYYR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
7.6.6 DEVCTRL Register (Address = 0x5) [Reset = 0x0000]
DEVCTRL is shown in Figure 7-28 and described in Table 7-10.
Return to the DEVICE Registers Summary Table.
Figure 7-28. DEVCTRL Register
15
14
13
12
11
10
9
8
RESERVED
R/W-0x0
7
6
5
4
3
2
1
0
RESERVED
FORCE_FS
RESERVED
EXIT_FS
R/W-0x0
R/W1C-0x0
R/W-0x0
R/W1C-0x0
Table 7-10. DEVCTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-3
RESERVED
R/W
0x0
Reserved
2
FORCE_FS
R/W1C
0x0
Switch the device from NORMAL state to FAILSAFE state
0x0 = Keep current state
0x1 = Bring device to FAILSAFE state
1
RESERVED
R/W
0x0
Reserved
0
EXIT_FS
R/W1C
0x0
Bring device out of FAILSAFE mode to NORMAL mode
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72