công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC6989DYYR bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện TLC6989DYYR
Giải thích chi tiết về linh kiện  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6989DYYR bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 27Page - Texas Instruments TLC6989DYYR Datasheet HTML 28Page - Texas Instruments TLC6989DYYR Datasheet HTML 29Page - Texas Instruments TLC6989DYYR Datasheet HTML 30Page - Texas Instruments TLC6989DYYR Datasheet HTML 31Page - Texas Instruments TLC6989DYYR Datasheet HTML 32Page - Texas Instruments TLC6989DYYR Datasheet HTML 33Page - Texas Instruments TLC6989DYYR Datasheet HTML 34Page - Texas Instruments TLC6989DYYR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
REG_WR (Register Write command)
Return to the SPI Command Table
The REG_WR command is used to write the internal registers of the TLC6989 device. The command includes a
field to indicate the address of the first register to be written. All the data words received by the SPI peripheral
are directly written in registers. This means that the CRC does not impact the writing of registers. When the
received CRC does not match the calculated CRC over the command word, the FAULT pin is pulled low (when
not masked) and the flag FLAG_SPI_CRC is set. This command returns the STATUS register and the CRC
calculated over the STATUS register. An example of REG_WR_CRC command writing 2 registers is depicted in
Figure 7-19.
SDI
SDO
SOUT
0xB041
SPICTRL
CCSICTRL
CRC0
STATUS
CRC1
Figure 7-19. Example of REG_WR command
REG_RD_CRC (Register Read CRC command)
Return to the SPI Command Table
The REG_RD_CRC command is used to read the internal registers of the TLC6989 device. The command
includes a field to indicate the address of the first register to be read. Only when the received CRC matches
with the calculated CRC over the command word, the device returns the requested number of register words and
the CRC calculated over the register words. When the CRC fails, the SDO is kept at logic HIGH. An example of
REG_RD_CRC command reading 1 register is depicted in Figure 7-20.
SDI
SDO
SOUT
0xC000
CRC0
CRC1
DEVID
Figure 7-20. Example of REG_RD_CRC command
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com