| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C64-DFMC6TP/PF bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-DFMC6TP/PF bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 54 page ![]() DS6638 Rev 36 23/54 M24C64-W M24C64-R M24C64-F M24C64-DF Initial delivery state 53 6 Initial delivery state The device is delivered with all the memory array bits and Identification page bits set to 1 (each byte contains FFh). When delivered in unsawn wafer, all memory bits are set to 1 (each memory byte contains FFh) except the last byte located at address 1FFFh which is written with the value 22h. |