| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C64-DFMC6TP/PF bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-DFMC6TP/PF bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 54 page ![]() Device operation M24C64-W M24C64-R M24C64-F M24C64-DF 12/54 DS6638 Rev 36 4 Device operation The device supports the I2C protocol. This is summarized in Figure 9. Any device that sends data on to the bus is defined to be a transmitter, and any device that reads the data to be a receiver. The device that controls the data transfer is known as the bus master, and the other as the slave device. A data transfer can only be initiated by the bus master, which will also provide the serial clock for synchronization. The device is always a slave in all communications. Figure 9. I2C bus protocol |