| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280 bảng dữ liệu(PDF) 889 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 bảng dữ liệu(HTML) 889 Page - Freescale Semiconductor, Inc |
|
889 / 1386 page ![]() Serial Management Controllers (SMCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 28-35 Table 28-23 describes SMCE/SMCM fields. 01234567 Field — CTXB CRXB MTXB MRXB Reset 0000_0000 R/W R/W Addr 0x11A86 (SMCE1), 0x11A96 (SMCE2)/ 0x11A8A (SMCM1), 0x11A9A (SMCM2) Figure 28-19. SMC GCI Event Register (SMCE)/Mask Register (SMCM) Table 28-23. SMCE/SMCM Field Descriptions Bits Name Description 0–3 — Reserved, should be cleared. 4 CTXB C/I channel buffer transmitted. Set when the C/I transmit buffer is now empty. 5 CRXB C/I channel buffer received. Set when the C/I receive buffer is full. 6 MTXB Monitor channel buffer transmitted. Set when the monitor transmit buffer is now empty. 7 MRXB Monitor channel buffer received. Set when the monitor receive buffer is full. |