| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280 bảng dữ liệu(PDF) 870 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 bảng dữ liệu(HTML) 870 Page - Freescale Semiconductor, Inc |
|
870 / 1386 page ![]() Serial Management Controllers (SMCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 28-16 Freescale Semiconductor Figure 28-7. RxBD Example Byte 5 Buffer 0 0008 32-Bit Buffer Pointer 0 EID Receive BD 0 Status Length Pointer 0 0002 32-Bit Buffer Pointer 1 EID Receive BD 1 Status Length Pointer 0 0004 32-Bit Buffer Pointer 0 EID Receive BD 2 Status Length Pointer 1 XXXX 32-Bit Buffer Pointer E Receive BD 3 Status Length Pointer Byte 1 Byte 2 Byte 8 Buffer Byte 9 Byte 10 Buffer Byte 1 Byte 2 Byte 3 Buffer Byte 4 Error! Empty Additional Bytes are Stored Unless Idle Count Expires (MAX_IDL) 8 Bytes 8 Bytes 8 Bytes 8 Bytes Characters Received by UART Fourth Character 10 Characters Long Idle Period has Framing Error! Present Time Time 5 Characters Buffer Full Idle Time-Out Occurred Byte 4 has Framing Error Reception Still in Progress with this Buffer 1 FR etc. Empty MRBLR = 8 Bytes for this SMC |