công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280 bảng dữ liệu(PDF) 646 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280
Giải thích chi tiết về linh kiện  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 bảng dữ liệu(HTML) 646 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 650Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 1386 page
background image
Timers
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
18-8
Freescale Semiconductor
Writing ones clears event bits; writing zeros has no effect. Both event bits must be cleared before the timer
negates the interrupt.
Table 18-4 describes TER fields.
0
13
14
15
Field
—
REF
CAP
Reset
0x0000
Addr
0x10DB0 (TER1); 0x10DB2 (TER2); 0x10DB4 (TER3); 0x10DB6 (TER4)
Figure 18-9. Timer Event Registers (TER1–TER4)
Table 18-4. TER Field Descriptions
Bits
Name
Description
0–13
–
Reserved, should be cleared.
14
REF
Output reference event. The counter has reached the TRR value. TMR[ORI] is used to enable the
interrupt request caused by this event.
15
CAP
Capture event. The counter value has been latched into the TCR. TMR[CE] is used to enable
generation of this event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More