| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280 bảng dữ liệu(PDF) 617 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 bảng dữ liệu(HTML) 617 Page - Freescale Semiconductor, Inc |
|
617 / 1386 page ![]() CPM Multiplexing MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 16-5 Figure 16-3. Bank of Clocks The eight BRGs also make their clocks available to external logic, regardless of whether the BRGs are being used by a serial device. Notice that the BRG outputs are multiplexed with other functions; thus, all BRGOx pins may not always be available. Chapter 41, “Parallel I/O Ports,” shows the function multiplexing. There are two restrictions in the bank-of-clocks mapping: • Only four of the twenty sources can be connected to any given FCC or SCC receiver or transmitter. • The SMC transmitter and receiver share the same clock source when connected to the NMSI. BRG1 BRG2 BRG3 BRG4 CLK1 CLK2 BRGO1 BRGO2 BRGO3 BRGO4 Bank of Clocks Selection Logic CLK3 CLK4 CLK5 CLK6 CLK7 CLK8 CLK9 CLK10 CLK11 CLK12 CLK13 CLK14 CLK15 CLK16 BRG5 BRG6 BRG7 BRG8 BRGO5 BRGO6 BRGO7 BRGO8 FCC1 Tx CLK17 CLK18 CLK19 CLK20 (Partially filled cross-switch logic programmed in the CMX registers.) Rx FCC2 Tx Rx FCC3 Tx Rx SCC1 Tx Rx SCC2 Tx Rx SCC3 Tx Rx SCC4 Tx Rx SMC1 SMC2 TDMA1 Tx Rx TDMB1 Tx Rx TDMC1 Tx Rx TDMD1 Tx Rx TDMA2 Tx Rx TDMB2 Tx Rx TDMC2 Tx Rx TDMD2 Tx Rx |