công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280 bảng dữ liệu(PDF) 612 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280
Giải thích chi tiết về linh kiện  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 bảng dữ liệu(HTML) 612 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 616Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-34
Freescale Semiconductor
4. CMXSCR = 0xC040_0000. SCC2 and SCC1 are connected to the TSA. SCC1 supports the grant
mechanism since it is on the D channel.
5. CMXSI1CR = 0x00. TDMa uses CLK1.
6. Set PPARA[6–9]. Configures L1TXDa[0], L1RXDa[0], L1TSYNCa and L1RSYNCa.
7. Set PSORA[6–9]. Configures L1TXDa[0], L1RXDa[0], L1TSYNCa and L1RSYNCa.
8. Set PDIRA[9]. Configures L1TXDa[0].
9. Set PODRA[9]. Configures L1TXDa[0] to an open-drain output.
10. Set PPARC[30,31]. Configures L1TCLKa and L1RCLKa.
11. Clear PDIRC[30,31]. Configures L1TCLKa and L1RCLKa.
12. Clear PSORC[30,31]. Configures L1TCLKa and L1RCLKa.
13. Set PPARB[17]. Configures L1CLKO and L1RQa.
14. Clear PSORB[17]. Configures L1CLKO and L1RQa.
15. Set PDIRB[17]. Configures L1CLKO and L1RQa.
16. If the 1x GCI data clock is required, set PBPAR bit 16 and PBDIR bit 16 and clear PSORB 16,
which configures L1CLKOa as an output.
17. Configure SCC1 for HDLC operation (to handle the LAPD protocol of the D channel). Configure
SMC1 for SCIT operation and configure SCC2 and SMC2 as preferred.
18. SI1GMR = 0x11. Enable TDMa (one static TDM), STZ for TDMa.
19. SI1CMDR is not used.
20. SI1STR does not need to be read.
21. Enable the SCC1, SCC2, SMC1 and SMC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More