công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280 bảng dữ liệu(PDF) 564 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280
Giải thích chi tiết về linh kiện  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 bảng dữ liệu(HTML) 564 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 568Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
14-14
Freescale Semiconductor
14.4.1.1
CP Commands
The CP command opcodes are shown in Table 14-7.
26–27
EP
Endpoint logical pipe number. (Only in USB. Otherwise reserved.)
00 ENDPOINT 0
01 ENDPOINT 1
10 ENDPOINT 2
11 ENDPOINT 3
28–31 OPCODE Operation code. Settings are listed in Table 14-7.
1 Set according to OPCODE[28-31]. If OPCODE is 1010, SBC must be 01110. Refer to Table 14-7. ATM functionality
not available on the MPC8270.
2 Not available on the MPC8270 and the MPC8275.
3 Not available on the MPC8270.
Table 14-7. CP Command Opcodes
Opcode
Channel
FCC
USB
SCC
SMC (UART/
Transparent)
SMC
(GCI)
SPI
I2C
IDMA
MCC
Timer Special
0000
INIT RX
AND
TX
PARAMS
—
INIT RX
AND
TX
PARAMS
INIT RX AND
TX PARAMS
INIT RX
AND TX
PARAMS
INIT RX
AND TX
PARAMS
INIT RX
AND TX
PARAMS
—
INIT RX AND
TX PARAMS
——
0001
INIT RX
PARAMS
—
INIT RX
PARAMS
INIT RX
PARAMS
—
INIT RX
PARAMS
INIT RX
PARAMS
—
INIT RX
PARAMS
——
0010
INIT TX
PARAMS
—
INIT TX
PARAMS
INIT TX
PARAMS
—
INIT TX
PARAMS
INIT TX
PARAMS
—
INIT TX
PARAMS
——
0011
ENTER
HUNT
MODE
—
ENTER
HUNT
MODE
ENTER HUNT
MODE
——
—
—
INIT MCC RX
AND TX
PARAMS
(one channel)
——
0100
STOP TX
—
STOP TX
STOP TX
——
—
—
MCC STOP
TX
——
0101
GRACEFUL
STOP TX
—
GRACEFUL
STOP TX
——
—
—
—
INIT MCC TX
PARAMS
(one channel)
——
0110
RESTART
TX
—
RESTART
TX
RESTART TX
——
—
—
INIT MCC RX
PARAMS
(one channel)
——
0111
—
—
CLOSE
RX BD
CLOSE
RX BD
—CLOSE
RX BD
CLOSE
RX BD
—
MCC RESET
——
1000
SET
GROUP
ADDRESS
—
SET
GROUP
ADDRESS
——
—
—
—
—
SET
TIMER
—
Table 14-6. CP Command Register Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More