công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280 bảng dữ liệu(PDF) 553 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280
Giải thích chi tiết về linh kiện  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 bảng dữ liệu(HTML) 553 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 549Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 550Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 551Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 552Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 553Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 557Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-3
Figure 14-1 shows the MPC8280’s CPM block diagram.
Figure 14-1. CPM Block Diagram
14.2
Serial Configurations
The MPC8280 offers a flexible set of communications capabilities. A subset of the possible configurations
using an MPC8280 is shown in Table 14-1.
Table 14-1. Possible MPC8280 Applications
Application
MCC11
MCC2
FCC1
FCC2
FCC3 SCC1 SCC2 SCC3 SCC4 SMC1 SMC2
ISDN router
4 E1
4 E1
FEnet or
ATM
FEnet
UART UART UART UART
ATM switch
ATM
FEnet
UART
Baud Rate Generators
60x Bus
2 MCCs1
3 FCCs
4 SCCs
2 SMCs
SPI
I2C
To SIU
4 Timers
Parallel I/O Ports
Bus Interface
SDMA
Dual-Port
RAM
Communications
ROM
Internal Bus
Peripheral Bus
Serial Interface (SI), TC layer3, and Time-Slot Assigner (TSA)
Interrupt
Controller
Local Bus
Processor
Note
1 One MCC on the MPC8270 and MPC8275
3 MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More