| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280 bảng dữ liệu(PDF) 461 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 bảng dữ liệu(HTML) 461 Page - Freescale Semiconductor, Inc |
|
461 / 1386 page ![]() Memory Controller MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 11-41 11.4.6.4 Last Data Out to Precharge As shown in Figure 11-23, this parameter, controlled by P/LSDMR[LDOTOPRE], defines the earliest timing for the PRECHARGE command after the last data was read from the SDRAM. It is always related to the CL parameter. Figure 11-23. LDOTOPRE = 2 (–2 Clock Cycles) 11.4.6.5 Last Data In to Precharge—Write Recovery As demonstrated in Figure 11-24, this parameter, controlled by P/LSDMR[WRC], defines the earliest timing for PRECHARGE command after the last data was written to the SDRAM. Figure 11-24. WRC = 2 (2 Clock Cycles) CLK ALE CS SDRAS SDCAS MA[0–11] Row Column WE Data D0 D1 D2 D3 Activate Read Deactivate Last Data Out LDOTOPRE = 2 DQM CLK ALE CS SDRAS SDCAS MA[0–11] Row Column WE Data D0 D1 D2 D3 Activate WRITE Last data in Deactivate WRC = 2 DQM |