công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280 bảng dữ liệu(PDF) 435 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280
Giải thích chi tiết về linh kiện  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 bảng dữ liệu(HTML) 435 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 439Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-15
11.3.2
Option Registers (OR
x)
The ORx registers define the sizes of memory banks and access attributes. The ORx attributes bits support
the following three modes of operation as defined by BR[MS].
•
SDRAM mode
•
GPCM mode
•
UPM mode
Figure 11-7 shows the ORx as it is formatted for SDRAM mode.
Table 11-5 describes ORx fields in SDRAM mode. For more details, see Section 11.4.12, “SDRAM
Configuration Examples.”
0
11
12
15
Field
SDAM
LSDAM...
Reset
0000_0000_0000_00001
R/W
R/W
Addr
0x10104 (OR0); 0x1010C (OR1); 0x10114 (OR2); 0x1011C (OR3); 0x10124 (OR4); 0x1012C (OR5);
0x10134 (OR6); 0x1013C (OR7); 0x10144 (OR8); 0x1014C (OR9); 0x10154 (OR10); 0x1015C (OR11)
16
17
18
19
22
23
25
26
27
28
31
Field ...LSDAM
BPD
ROWST
NUMR
PMSEL IBID
—
Reset
0000_00000_0000_00001
R/W
R/W
Addr
0x10106 (OR0); 0x1010E (OR1); 0x10116 (OR2); 0x1011E (OR3); 0x10126 (OR4); 0x1012E (OR5);
0x10136 (OR6); 0x1013E (OR7); 0x10146 (OR8); 0x1014E (OR9); 0x10156 (OR10); 0x1015E (OR11)
1 Reset values are for OR0 only. OR1–11 undefined at reset.
Figure 11-7. Option Registers (OR
x)—SDRAM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More