| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM8342SD bảng dữ liệu(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM8342SD bảng dữ liệu(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 16 page ![]() Typical Application (Continued) The voltage level of the V COM driver, for a general setting of (DAC 10) , is calculated using Equation (4). (4) For calibrating the V COM level (see Figure 8) the tuning range of the design needs to be aligned to the required V COM tuning range ( ∆V COM). Figure 9 gives a graphical presenta- tion of the desired voltage levels. Assume the calibrator needs to cover the voltage range given in Equation (5). (5) The limits of V COM for DAC 10 = 0 (high limit) and DAC 10 = 127 (low limit) are given by: (6) (7) Using Equation (5),Equation (6), and Equation (7) the value for resistors R1 and R2 can be obtained, resulting in Equa- tion (8) and Equation (9): (8) and (9) Table 4 gives an overview of resistor values for a typical value of AV DD,and2RSET values. All settings are for a VCOM level at V MID = 1 ⁄2 AV DD, and a maximum variation of ∆V COM. (10) 20139201 FIGURE 8. Typical Application Driving a V COM Level 20139234 FIGURE 9. V COM Voltage Levels www.national.com 14 |