| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML13135LP bảng dữ liệu(PDF) 2 Page - LANSDALE Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ML13135LP bảng dữ liệu(HTML) 2 Page - LANSDALE Semiconductor Inc. |
|
2 / 11 page ![]() www.lansdale.com LANSDALE Semiconductor, Inc. ML13135 Page 2 of 11 Issue 0 MAXIMUM RATINGS Rating Pin Symbol Value Unit Power Supply Voltage 4, 19 VCC (max) 6.5 Vdc RF Input Voltage 22 RFin 1.0 Vrms Junction Temperature – TJ +150 °C Storage Temperature Range – Tstg – 65 to +150 °C RECOMMENDED OPERATING CONDITIONS Rating Pin Symbol Value Unit Power Supply Voltage 4, 19 VCC 2.0 to 6.0 Vdc Maximum 1st IF – fIF1 21 MHz Maximum 2nd IF – fIF2 3.0 MHz Ambient Temperature Range – TA – 40 to + 85 °C ELECTRICAL CHARACTERISTICS (TA=25°C,VCC=4.0Vdc,fo=49.7MHz,fMOD=1.0kHz,Deviation=±3.0kHz,f1stLO=39MHz,f2nd LO = 10.245 MHz, IF1 = 10.7 MHz, IF2 = 455 kHz, unless otherwise noted. All measurements performed in the test circuit of Figure 1.) Characteristic Condition Symbol Min Typ Max Unit Total Drain Current No Input Signal ICC – 4.0 6.0 mAdc Sensitivity (Input for 12 dB SINAD) Matched Input VSIN – 1.0 – µVrms Recovered Audio VRF = 1.0 mV AFO mVrms 170 220 300 1st Mixer Conversion Gain VRF = – 40 dBm MXgain1 – 12 – dB 2nd Mixer Conversion Gain VRF = – 40 dBm MXgain2 – 13 – dB First LO Buffered Output – VLO – 100 – mVrms Total Harmonic Distortion VRF = – 30 dBm THD – 1.2 3.0 % Demodulator Bandwidth – BW – 50 – kHz RSSI Dynamic Range – RSSI – 70 – dB First Mixer 3rd Order Intercept TOIMix1 dBm (Input) Matched – –17 – Unmatched – –11 – Second Mixer 3rd Order Matched TOIMix2 dBm Intercept (RF Input) Input – –27 – First LO Buffer Output Resistance – RLO – – – Ω First Mixer Parallel Input Resistance – R – 722 – Ω First Mixer Parallel Input Capacitance – C – 3.3 – pF First Mixer Output Impedance – ZO – 330 – Ω Second Mixer Input Impedance – ZI – 4.0 – k Ω Second Mixer Output Impedance – ZO – 1.8 – k Ω Detector Output Impedance – ZO – 25 – Ω |