| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML13135LP bảng dữ liệu(PDF) 4 Page - LANSDALE Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ML13135LP bảng dữ liệu(HTML) 4 Page - LANSDALE Semiconductor Inc. |
|
4 / 11 page ![]() www.lansdale.com Page 4 of 11 Issue 0 LANSDALE Semiconductor, Inc. ML13135 N 10 –130 RFin, RF INPUT (dBm) 48.0 1.0 VB, VARACTOR BIAS VOLTAGE (Vdc) 1400 –140 RF INPUT (dBm) 30 –100 RFin, RF INPUT (dBm) 25 0.5 VB, VARACTOR BIAS VOLTAGE, VPin24 to VPin 23 (Vdc) Figure 2. Supply Current versus Supply Voltage Figure 3. RSSI Output versus RF Input Figure 4. Varactor Capacitance, Resistance versus Bias Voltage Figure 5. Oscillator Frequency versus Varactor Bias Figure 6. Signal Levels versus RF Input 6.0 0 VCC, SUPPLY VOLTAGE (V) Figure 7. Signal + Noise, Noise, and AM Rejection versus Input Power RFin = 49.7 MHz fMOD = 1.0 kHz fDEV = ± 3.0 kHz 5.0 4.0 3.0 2.0 1.0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VCC = 4.0 V RFin = 49.67 MHz fMOD = 1.0 kHz fDEV = ± 3.0 kHz 1200 1000 800 600 400 200 –120 –100 – 80 – 60 – 40 – 20 CP, f = 150 MHz 20 15 10 5.0 0 1.0 1.5 2.0 2.5 3.0 3.5 4.0 10 8.0 6.0 4.0 2.0 0 47.5 47.0 46.5 46.0 45.5 45.0 RP, f = 50 MHz CP, f = 50 MHz RP, f = 150 MHz 2.0 3.0 4.0 5.0 6.0 –90 – 80 –70 – 60 –50 – 40 –30 – 20 10 –10 –30 –50 –70 First Mixer Output First Mixer Input –110 – 90 – 70 – 50 – 30 0 –10 –20 –30 –40 –50 –60 –70 S + N S + N 30% AM VCC = 4.0 Vdc RFin = 49.67 MHz fMOD = 1.0 kHz fDEV = ± 3.0 kHz 5.0 p 0.61 µH 1st LO Varicap 500 p 500 p 1.0 M Ω 0.2 µF VB 24 23 2 1 27 p Second Mixer Output Second Mixer Input |