| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL800HT25 bảng dữ liệu(PDF) 16 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL800HT25 bảng dữ liệu(HTML) 16 Page - GENESYS LOGIC |
|
16 / 20 page ![]() GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core ©2000-2003 Genesys Logic Inc.—All rights reserved. Page 16 5.1.2 Transmit Timing for Data Packet Figure 5.2 - Timing Diagram of Transmit for Data Packet The SIE negates TXVLD to complete a packet. Once negated, the Transmit State Machine will never reassert TXRDY until after the EOP has been loaded into the Transmit Shift Register. Note that the UTM Transmit State Machine can be ready to start another package immediately, however the SIE must confirm to the minimum inter-packet delays identified in the USB 2.0 Specification. 5.2 Receive Operation 5.2.1 Receive State Diagram Figure 5.3 - Receive State Diagram Data Data Data Data CRC CRC PID SYNC PID Data Data Data Data CRC C CRC C EOP P CLK30 TXVLD Data TXRDY DP/DM Reset !RXACTV !RXVLD RX Wait Trip SYNC RXACTV Rx Data RXVLD RX Data Wait !RXVLD Strip EOP !RXACTV !RXVLD HRST# !HRST# SYNC Detected Data !Data !SYNC SYNC Data Data Abort 1 !RXACTV !RXVLD !RXERR Terminate !RXACTV Abort 2 !RXVLD !RXERR Error RXERR EOP Detected !Data Receive Error !Idle state Idle state |