công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GL800HT25 bảng dữ liệu(PDF) 15 Page - GENESYS LOGIC

tên linh kiện GL800HT25
Giải thích chi tiết về linh kiện  USB 2.0 UTMI Compliant Transceiver IP Core
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENESYS [GENESYS LOGIC]
Trang chủ  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL800HT25 bảng dữ liệu(HTML) 15 Page - GENESYS LOGIC

Back Button GL800HT25 Datasheet HTML 11Page - GENESYS LOGIC GL800HT25 Datasheet HTML 12Page - GENESYS LOGIC GL800HT25 Datasheet HTML 13Page - GENESYS LOGIC GL800HT25 Datasheet HTML 14Page - GENESYS LOGIC GL800HT25 Datasheet HTML 15Page - GENESYS LOGIC GL800HT25 Datasheet HTML 16Page - GENESYS LOGIC GL800HT25 Datasheet HTML 17Page - GENESYS LOGIC GL800HT25 Datasheet HTML 18Page - GENESYS LOGIC GL800HT25 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
GL800HT25 USB 2.0 UTMI Compliant Transceiver IP Core
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 15
CHAPTER 5
FUNCTIONAL DESCRIPTION
5.1 Transmit Operation
5.1.1 Transmit State Diagram
Figure 5.1 - Transmit State Diagram
Transmit must be asserted to enable any transmissions.
The SIE asserts TXVLD to begin a transmission.
The SIE negates TXVLD to end a transmission.
After the SIE asserts TXVLD it can assume that the transmission has started when it detects TXRDY
asserted.
The SIE assumes that the UTM has consumed a data byte if TXRDY and TXVLD are asserted.
The SIE must have valid packet information (PID) asserted on the Data bus coincident with the assertion
of TXVLD. Depending on the UTM implementation, TXRDY may be asserted by the Transmit State
Machine as soon as one CLK after the assertion of TXVLD.
TXVLD and TXRDY are sampled on the rising edge of CLK30.
The Transmit State Machine does not automatically generate Packet ID’s (PIDs) or CRC.
When transmitting, the SIE is always expected to present a PID as the first byte of the data stream and if
appropriate, CRC as the last bytes of the data stream.
The SIE must use LINEST0/1 to verify a Bus Idle condition before asserting TXVLD in the TX Wait state.
Reset
!TXRDY
TX Wait
Send SYNC
TX Data Load
TXRDY
TX Data Wait
!TXRDY
Send EOP
!TXRDY
HRST#
!HRST#
TXVLD
!TXVLD
TX Hold
Reg
Empty
TX Hold
Reg Full
TX Hold
Reg
Empty
TX Hold
Reg Full
EOP not
done
!TXVLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20