| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STDS75 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDS75 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 37 page ![]() STDS75 List of figures 5/37 List of figures Figure 1. Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 2. Connections (SO8 and TSSOP8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 3. Functional block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 4. Typical 2-wire interface connection diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Figure 5. OS output temperature response diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Figure 6. Serial bus data transfer sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Figure 7. Acknowledgement sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 8. Slave address location . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 9. Typical 2-byte READ from preset pointer location (e.g. temp - TOS, THYS) . . . . . . . . . . . . 24 Figure 10. Typical pointer set followed by an immediate READ for 2-byte register (e.g. temp). . . . . . 24 Figure 11. Typical 1-byte READ from the configuration register with preset pointer . . . . . . . . . . . . . . 24 Figure 12. Typical pointer set followed by an Immediate READ from the configuration register . . . . . 25 Figure 13. Configuration register WRITE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Figure 14. TOS and THYS WRITE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Figure 15. Temperature variation vs. voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Figure 16. Bus timing requirements sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Figure 17. SO8 – 8-lead plastic small package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 Figure 18. MSOP8 (TSSOP8) – 8-lead, thin shrink small package (3mm x 3mm) outline. . . . . . . . . . 34 |