| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS8267 bảng dữ liệu(PDF) 6 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8267 bảng dữ liệu(HTML) 6 Page - ams AG |
|
6 / 136 page ![]() Data Sheet AS8267 / AS8268 Revision 1.0, 19-Jun-07 Page 6 of 136 Pin No. Pin Name AS8267 Pin Name AS8268 Type Description 36 n.c. n.c. Not connected 37 LBP0 LBP0 AO LCD back-plane driver output signal. 38 LBP1 LBP1 AO LCD back-plane driver output signal. 39 LBP2 LBP2 AO LCD back-plane driver output signal. 40 LBP3 LBP3 AO LCD back-plane driver output signal. 41 LSD0 LSD0 AO LCD segment driver output signal. 42 LSD1 LSD1 AO LCD segment driver output signal. 43 LSD2 LSD2 AO LCD segment driver output signal. 44 LSD3 LSD3 AO LCD segment driver output signal. 45 LSD4 LSD4 AO LCD segment driver output signal. 46 LSD5 LSD5 AO LCD segment driver output signal. 47 LSD6 LSD6 AO LCD segment driver output signal. 48 LSD7 LSD7 AO LCD segment driver output signal. 49 LSD8 LSD8 AO LCD segment driver output signal. 50 LSD9 LSD9 AO LCD segment driver output signal. 51 LSD10 LSD10 AO LCD segment driver output signal. 52 LSD11 LSD11 AO LCD segment driver output signal. 53 LSD12 LSD12 AO LCD segment driver output signal. 54 LSD13 LSD13 AO LCD segment driver output signal. 55 LSD14 LSD14 AO LCD segment driver output signal. 56 LSD15 LSD15 AO LCD segment driver output signal. 57 LSD16 LSD16 AO LCD segment driver output signal. 58 LSD17 LSD17 AO LCD segment driver output signal. 59 LSD18 LSD18 AO LCD segment driver output signal. 60 LSD19 LSD19 AO LCD segment driver output signal. 61 n.c. LSD20 AO LCD segment driver output signal. 62 n.c. LSD21 AO LCD segment driver output signal. 63 n.c. LSD22 AO LCD segment driver output signal. 64 n.c. LSD23 AO LCD segment driver output signal. Note: Shaded pins above only available with AS8268 IC PIN Types: S Supply pin AI Analog Input pin AO Analog Output pin DIPU Digital Input pin with pull-up resistor DO Digital Output pin DIO Programmable Digital Input or Output pin DIOPD Digital Input or Output pin with pull-down resistor DIOPU Digital Input or Output pin with pull-up resistor |