| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM355 bảng dữ liệu(PDF) 73 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355 bảng dữ liệu(HTML) 73 Page - Texas Instruments |
|
73 / 158 page ![]() www.ti.com 3.6 PLL Controller (PLLC) 3.6.1 PLL Controller Module TMS320DM355 Digital Media System-on-Chip (DMSoC) SPRS463B – SEPTEMBER 2007 – REVISED OCTOBER 2007 This section describes the PLL Controllers for PLL1 and PLL2. See the TMS320DM355 Digital Media System-on-Chip ARM Subsystem User's Guide for more information on the PLL controllers. The DM355 has two PLL controllers that provide clocks to different components of the chip. PLL controller 1 (PLLC1) provides clocks to most of the components of the chip. PLL controller 2 (PLLC2) provides clocks to the DDR PHY. As a module, the PLL controller provides the following: • Glitch-free transitions (on changing PLL settings) • Domain clocks alignment • Clock gating • PLL bypass • PLL power down The various clock outputs given by the PLL controller are as follows: • Domain clocks: SYSCLKn • Bypass domain clock: SYSCLKBP • Auxiliary clock from reference clock: AUXCLK Various dividers that can be used are as follows: • Pre-PLL divider: PREDIV • Post-PLL divider: POSTDIV • SYSCLK divider: PLLDIV1, …, PLLDIVn • SYSCLKBP divider: BPDIV Multipliers supported are as follows: • PLL multiplier control: PLLM Submit Documentation Feedback Detailed Device Description 73 |