| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M93C86-RMB3G/W bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C86-RMB3G/W bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 38 page ![]() Part numbering M93C86, M93C76, M93C66, M93C56, M93C46 34/38 Table 29. Available M93C46-x products (package, voltage range, temperature grade) Package M93C46 4.5 V to 5.5 V M93C46-W 2.5 V to 5.5 V M93C46-R 1.8 V to 5.5 V DIP8 (BN) Range3 Range 6 Range3 - SO8 (MN) Range 6 Range3 Range 6 Range3 - TSSOP (DW) - Range 6 Range3 - Table 30. Available M93C56-x products (package, voltage range, temperature grade) Package M93C56 4.5 V to 5.5 V M93C56-W 2.5 V to 5.5 V M93C56-R 1.8 V to 5.5 V SO8 (MN) Range 6 Range3 Range 6 Range3 Range 6 TSSOP (DW) Range 6 Table 31. Available M93C66-x products (package, voltage range, temperature grade) Package M93C66 4.5 V to 5.5 V M93C66-W 2.5 V to 5.5 V M93C66-R 1.8 V to 5.5 V SO8 (MN) Range 6 Range3 Range 6 Range3 TSSOP (DW) Range 6 Range3 UFDFPN 2 x 3 mm (MB) Range 6 Table 32. Available M93C76-x products (package, voltage range, temperature grade) Package M93C76 4.5 V to 5.5 V M93C76-W 2.5 V to 5.5 V SO8 (MN) Range3 Range 6 Range3 TSSOP (DW) Range 6 |