| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M93C86-RMB3G/W bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C86-RMB3G/W bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 38 page ![]() M93C86, M93C76, M93C66, M93C56, M93C46 Part numbering 33/38 13 Part numbering For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST sales office. The category of second-level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. Table 28. Ordering information scheme Example: M93C86 – W MN 6 T P /S Device type M93 = MICROWIRE serial access EEPROM Device function 86 = 16 Kbit (2048 x 8) 76 = 8 Kbit (1024 x 8) 66 = 4 Kbit (512 x 8) 56 = 2 Kbit (256 x 8) 46 = 1 Kbit (128 x 8) Operating voltage blank = VCC = 4.5 to 5.5 V W = VCC = 2.5 to 5.5 V R = VCC = 1.8 to 5.5 V Package BN = PDIP8 MN = SO8 (150 mils width) MB = UFDFPN8 (MLP8) DW = TSSOP8 (169 mils width) DS = TSSOP8 (3 x 3 mm body size) Device grade 6 = Industrial temperature range, –40 to 85 °C. Device tested with standard test flow 3 = Device tested with High Reliability Certified Flow(1). Automotive temperature range (–40 to 125 °C) 1. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy. Packing blank = standard packing T = tape and reel packing Plating technology P or G = ECOPACK® (RoHS compliant) Process(2) 2. Used only for Device Grade 3. /W or /S = F6SP36% |