công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8122VT8000 bảng dữ liệu(PDF) 87 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8122VT8000
Giải thích chi tiết về linh kiện  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122VT8000 bảng dữ liệu(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MSC8122VT8000 Datasheet HTML 80Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 81Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 82Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 83Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 84Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 85Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 86Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 87Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 88Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
Thermal Considerations
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
4-5
4.5 Thermal Considerations
An estimation of the chip-junction temperature, TJ, in °C can be obtained from the following:
TJ = TA + (R
θJA × PD)
Equation 1
where
TA = ambient temperature near the package (°C)
RθJA = junction-to-ambient thermal resistance (°C/W)
PD = PINT + PI/O = power dissipation in the package (W)
PINT = IDD × VDD = internal power dissipation (W)
PI/O = power dissipated from device on output pins (W)
The power dissipation values for the MSC8122 are listed in Table 2-3. The ambient temperature for the device is
the air temperature in the immediate vicinity that would cool the device. The junction-to-ambient thermal
resistances are JEDEC standard values that provide a quick and easy estimation of thermal performance. There are
two values in common usage: the value determined on a single layer board and the value obtained on a board with
two planes. The value that more closely approximates a specific application depends on the power dissipated by
other components on the printed circuit board (PCB). The value obtained using a single layer board is appropriate
for tightly packed PCB configurations. The value obtained using a board with internal planes is more appropriate
for boards with low power dissipation (less than 0.02 W/cm2 with natural convection) and well separated
components. Based on an estimation of junction temperature using this technique, determine whether a more
detailed thermal analysis is required. Standard thermal management techniques can be used to maintain the device
thermal junction temperature below its maximum. If TJ appears to be too high, either lower the ambient
temperature or the power dissipation of the chip. You can verify the junction temperature by measuring the case
temperature using a small diameter thermocouple (40 gauge is recommended) or an infrared temperature sensor on
a spot on the device case that is painted black. The MSC8122 device case surface is too shiny (low emissivity) to
yield an accurate infrared temperature measurement. Use the following equation to determine TJ:
TJ = TT + (θJA × PD)
Equation 2
where
TT = thermocouple (or infrared) temperature on top of the package (°C)
θ
JA = thermal characterization parameter (°C/W)
PD = power dissipation in the package (W)
Note:
See MSC8102, MSC8122, and MSC8126 Thermal Management Design Guidelines (AN2601/D).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com