công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8122VT8000 bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8122VT8000
Giải thích chi tiết về linh kiện  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122VT8000 bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MSC8122VT8000 Datasheet HTML 79Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 80Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 81Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 82Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 83Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 84Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 85Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 86Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
4-1
Design Considerations
4
The following sections discuss areas to consider when the MSC8122 device is designed into a system.
4.1 Start-up Sequencing Recommendations
Use the following guidelines for start-up and power-down sequences:
•
Assert PORESET and TRST before applying power and keep the signals driven low until the power reaches the
required minimum power levels. This can be implemented via weak pull-down resistors.
•
CLKIN
can be held low or allowed to toggle during the beginning of the power-up sequence. However, CLKIN
must start toggling before the deassertion of PORESET and after both power supplies have reached nominal
voltage levels.
•
If possible, bring up VDD/VCCSYN and VDDH together. If it is not possible, raise VDD/VCCSYN first and then bring up
VDDH. VDDH should not exceed VDD/VCCSYN until VDD/VCCSYN reaches its nominal voltage level. Similarly, bring
both voltage levels down together. If that is not possible reverse the power-up sequence, with VDDH going down
first and then VDD/VCCSYN.
Note:
This recommended power sequencing for the MSC8122 is different from the MSC8102.
External voltage applied to any input line must not exceed the I/O supply VDDH by more than 0.8 V at any time,
including during power-up. Some designs require pull-up voltages applied to selected input lines during power-up
for configuration purposes. This is an acceptable exception to the rule. However, each such input can draw up to 80
mA per input pin per device in the system during start-up.
After power-up, VDDH must not exceed VDD/VCCSYN by more than 2.6 V.
4.2 Power Supply Design Considerations
When used as a drop-in replacement in MSC8102 applications or when implementing a new design, use the
guidelines described in Migrating Designs from the MSC8102 to the MSC8122 (AN2716) and the MSC8122
Design Checklist (AN2787) for optimal system performance. MSC8122 and MSC8126 Power Circuit Design
Recommendations and Examples (AN2937) provides detailed design information.
Figure 4-1 shows the recommended power decoupling circuit for the core power supply. The voltage regulator and
the decoupling capacitors should supply the required device current without any drop in voltage on the device pins.
The voltage on the package pins should not drop below the minimum specified voltage level even for a very short
spikes. This can be achieved by using the following guidelines:
•
For the core supply, use a voltage regulator rated at 1.2 V with nominal rating of at least 3 A. This rating does
not reflect actual average current draw, but is recommended because it resists changes imposed by transient
spikes and has better voltage recovery time than supplies with lower current ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com