công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6727TR bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện L6727TR
Giải thích chi tiết về linh kiện  Single phase PWM controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 10Page - STMicroelectronics L6727TR Datasheet HTML 11Page - STMicroelectronics L6727TR Datasheet HTML 12Page - STMicroelectronics L6727TR Datasheet HTML 13Page - STMicroelectronics L6727TR Datasheet HTML 14Page - STMicroelectronics L6727TR Datasheet HTML 15Page - STMicroelectronics L6727TR Datasheet HTML 16Page - STMicroelectronics L6727TR Datasheet HTML 17Page - STMicroelectronics L6727TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Output voltage monitor and protections
L6727
14/22
8
Output voltage monitor and protections
L6727 monitors the voltage at FB pin and compares it to internal reference voltage in order
to provide Under Voltage and Over Voltage protections.
8.1
Under voltage protection
If the voltage at FB pin drops below UV threshold (0.6V typ), the device turns off both HS
and LS MOSFETs, waits for 2048 clock cycles and then performs a new Soft Start. If under
voltage condition is not removed, the device enters a hiccup mode with a typical period of
13.6ms.
UVP is active from the end of soft start.
8.2
Over voltage protection
If the voltage at FB pin rises over OV threshold (1V typ), over voltage protection turns off HS
MOSFET and turns on LS MOSFET overriding PWM logic as long as over voltage is
detected.
OVP is always active with top priority as soon as over current threshold setting phase has
been completed.
8.3
Feedback disconnection protection
In order to provide load protection even if FB pin is not connected, a 100nA bias current is
always sourced from this pin. If FB pin is not connected, this current will permanently pull up
FB over OVP threshold: thus LS will be latched on preventing output voltage from rising out
of control.
8.4
Under voltage lock out
In order to avoid anomalous behaviors of the device when the supply voltage is too low to
support its internal rails, UVLO is provided: the device will start up when VCC reaches
UVLO upper threshold and will shutdown when VCC drops below UVLO lower threshold.
The 4.1V maximum UVLO upper threshold allows L6727 to be supplied from 5V and 12V
busses in or-ing diode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com