công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6727TR bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện L6727TR
Giải thích chi tiết về linh kiện  Single phase PWM controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 7Page - STMicroelectronics L6727TR Datasheet HTML 8Page - STMicroelectronics L6727TR Datasheet HTML 9Page - STMicroelectronics L6727TR Datasheet HTML 10Page - STMicroelectronics L6727TR Datasheet HTML 11Page - STMicroelectronics L6727TR Datasheet HTML 12Page - STMicroelectronics L6727TR Datasheet HTML 13Page - STMicroelectronics L6727TR Datasheet HTML 14Page - STMicroelectronics L6727TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
L6727
Soft Start and Disable
11/22
6
Soft Start and Disable
L6727 implements a soft start to smoothly charge the output filter avoiding high in-rush
currents to be required from the input power supply. The device progressively increases the
internal reference from 0V to 0.8V in about 5.1ms, in closed loop regulation, gradually
charging the output capacitors to the final regulation voltage.
In the event of an over current triggering during soft start, the over current logic will override
the soft start sequence and will shut down both the high side and low side gates for the
internal soft start residual time (up to 2048 clock cycles) plus 2048 clock cycles, then it will
begin a new soft start.
The device begins soft start phase only when VCC power supply is above UVLO threshold
and over current threshold setting phase has been completed.
6.1
Low-Side-Less Start up (LSLess)
In order to manage start up over pre-biased output, L6727 performs a special sequence in
enabling LS driver to switch: during the soft-start phase, LS driver results disabled
(LS = OFF) until HS starts to switch. This avoids the dangerous negative spike on the output
voltage that can happen if starting over a pre-biased output.
If the output voltage is pre-biased to a voltage lower than the programmed one, neither HS
nor LS will turn on until the soft start ramp exceeds the output pre-bias voltage; then VOUT
will ramp up from there, without any drop or current return.
If the output voltage is pre-biased to a voltage higher than the programmed one, HS would
never start to switch. In this case, at the end of soft start time, LS is enabled and discharges
the output to the final regulation value.
This particular feature of the device masks the LS turn-on only from the control loop point of
view: protections by-pass LSLESS, turning ON the LS mosfet in case of need.
Figure 4.
LSLess Startup (left) vs. Non-LSLess Startup (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com