| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC614DB bảng dữ liệu(PDF) 9 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC614DB bảng dữ liệu(HTML) 9 Page - Semtech Corporation |
|
9 / 25 page ![]() © 2006 Semtech Corp. POWER MANAGEMENT SC614 United States Patent No. 6,504,422 www.semtech.com 9 POWER MANAGEMENT Register Map (Cont.) FL1,0: Control Override bits for S1/FL3, S2/FL2 and S3/FL1. Enable control is transferred to the FL pin (assuming the LEDs are first enabled) based on the following table: 1 L F0 L Fs u t a t S l o r t n o C n i P L F 00 . d e l b a s i d n i p L F - s ti b r e t s i g e r y b d e n i a t n i a m l o r t n o C 01 . n i p L F e h t y b d e ll o r t n o c e l b a n e 1 L F / 3 S 10 . n i p L F e h t y b d e ll o r t n o c s e l b a n e 2 L F / 2 S , 1 L F / 3 S 11 . n i p L F e h t y b d e ll o r t n o c s e l b a n e 3 L F / 1 S , 2 L F / 2 S , 1 L F / 3 S SC614 Slave Address Following a start condition, the master must output the address of the slave it is accessing. The most significant six bits of the slave address are the device type identifier (ID). For the SC614 this is fixed at 111000[ASEL]. The next significant bit addresses a particular device. A system can have up to two SC614 devices on the same bus. The two addresses are defined by the state of the ASEL input (see Table below). R E I F I T N E D I E P Y T E C I V E DS S E R D D A E C I V E DW / R 111 000 0 = D N G o t L E S A n i P 1 = N I V o t L E S A n i P X |