| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC614DB bảng dữ liệu(PDF) 6 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC614DB bảng dữ liệu(HTML) 6 Page - Semtech Corporation |
|
6 / 25 page ![]() © 2006 Semtech Corp. POWER MANAGEMENT SC614 United States Patent No. 6,504,422 www.semtech.com 6 Pin Configuration e c i v e De g a k c a P T R T L M 4 1 6 C S ) 1 ( 4 2 - Q P L M ) 2 ( B D 4 1 6 C S ) 3 ( d r a o B n o it a r t s n o m e D B V E 4 1 6 C S ) 4 ( d r a o B n o it a u l a v E Notes: (1) Lead free product. This product is fully WEEE and RoHS compliant. (2) Only available in tape and reel packaging. A reel contains 3000 devices. (3) The demonstration board showcases the most common uses for this part, running at maximum current settings. (4) The evaluation board is user-configurable and allows the user to communicate with the part using a graphical user interface on a personal computer with a USB connection. Contact factory for availability. Marking Information 614 yyww yy = two-digit year of manufacture ww = two-digit week of manufacture xxxxx = lot number Top Mark xxxxx xxxxx MLP24: 4X4 24 LEAD TOP VIEW 1 2 3 4 6 5 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 13 14 T M1 EN SDIM MDIM ASEL FL S3/FL1 VIN VOUT C2+ C2- C1- Ordering Information |