công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC488MLTRT bảng dữ liệu(PDF) 16 Page - Semtech Corporation

tên linh kiện SC488MLTRT
Giải thích chi tiết về linh kiện  Complete DDR1/2/3 Memory Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC488MLTRT bảng dữ liệu(HTML) 16 Page - Semtech Corporation

Back Button SC488MLTRT Datasheet HTML 12Page - Semtech Corporation SC488MLTRT Datasheet HTML 13Page - Semtech Corporation SC488MLTRT Datasheet HTML 14Page - Semtech Corporation SC488MLTRT Datasheet HTML 15Page - Semtech Corporation SC488MLTRT Datasheet HTML 16Page - Semtech Corporation SC488MLTRT Datasheet HTML 17Page - Semtech Corporation SC488MLTRT Datasheet HTML 18Page - Semtech Corporation SC488MLTRT Datasheet HTML 19Page - Semtech Corporation SC488MLTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC488
When using external feedback, and with VDDQ greater
than 1.5V, a small capacitor, C
TOP, can be used in parallel
with the top feedback resistor, R
TOP, in order to ensure that
ripple at VFB is large enough. C
TOP should not be greater
than 100pF. The value of C
TOP can be calculated as fol-
lows, where R
BOT is the bottom feedback resistor. Firstly
calculating the value of Z
TOP required:
Ohms
0.015
V
0.015
R
Z
)
MIN
(
T
RIPPLE_VBA
BOT
TOP
Secondly calculating the value of C
TOP required to achieve
this:
F
)
MIN
(
VBAT
_
SW
f
2
TOP
R
1
TOP
Z
1
TOP
C
Since our example uses internal feedback ,this method
cannot be used, however the voltage seen at the internal
FB point is already greater than 15mV.
Next we need to calculate the minimum output capaci-
tance required to ensure that the output voltage does not
exceed the transient maximum limit, POSLIM
TR, starting
from the actual static maximum, V
OUT_ST_POS, when a load
release occurs:
V
DC
ERR
OUT
V
OUT_ST_POS
V
For our example:
V
OUT_ST_POS = 1.818V,
V
TR
TOL
OUT
V
TR
POSLIM
Where TOL
TR is the transient tolerance. For our example:
POSLIM
TR = 1.944V,
The minimum output capacitance is calculated as fol-
lows:
A
2
)
MAX
(
T
RIPPLE_VBA
I
)
MAX
(
OUT
I
init
I
and,
F
2
OUT_ST_POS
V
2
TR
POSLIM
2
Ifinal
2
Iinit
L
OUT(MIN)
C
This calculation assumes the condition of a full-load to no-
load step transient occurring when the inductor current is
at its highest. The capacitance required for smaller tran-
sient steps my be calculated by substituting the desired
current for the I
final term. In this case Ifinal is set for 5A.
For our example:
C
OUT(MIN) = 392μF.
We will select 440μF, using two 220μF, 12mΩ capacitors
in parallel.
Next we calculate the RMS input ripple current, which is
largest at the minimum battery voltage:
RMS
MIN
_
BAT
OUT
OUT
)
MIN
(
BAT
OUT
)
RMS
(
IN
A
V
I
V
V
V
I
For our example:
I
IN(RMS) = 4.17ARMS
Input capacitors should be selected with sufficient ripple
current rating for this RMS current, for example a 10μF,
1210 size, 25V ceramic capacitor can handle approxi-
mately 3A
RMS. Refer to manufacturer’s data sheets and
derate appropriately.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com