công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC488MLTRT bảng dữ liệu(PDF) 11 Page - Semtech Corporation

tên linh kiện SC488MLTRT
Giải thích chi tiết về linh kiện  Complete DDR1/2/3 Memory Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC488MLTRT bảng dữ liệu(HTML) 11 Page - Semtech Corporation

Back Button SC488MLTRT Datasheet HTML 7Page - Semtech Corporation SC488MLTRT Datasheet HTML 8Page - Semtech Corporation SC488MLTRT Datasheet HTML 9Page - Semtech Corporation SC488MLTRT Datasheet HTML 10Page - Semtech Corporation SC488MLTRT Datasheet HTML 11Page - Semtech Corporation SC488MLTRT Datasheet HTML 12Page - Semtech Corporation SC488MLTRT Datasheet HTML 13Page - Semtech Corporation SC488MLTRT Datasheet HTML 14Page - Semtech Corporation SC488MLTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
SC488
POWER MANAGEMENT
Application Information (Cont.)
Power Good Output
The VDDQ controller has a power good (PGD) output. Power
good is an open-drain output and requires a pull-up resistor.
When the output voltage is +16%/-10% from its nominal
voltage, PGD gets pulled low. It is held low until the output
voltage returns to within +16%/-10% of nominal. PGD is
also held low during start-up and will not be allowed to
transition high until soft-start is over and the output reaches
90% of its set voltage. There is a 5μs delay built into the
PGD circuit to prevent false transitions.
Output Over-Voltage Protection
When the VDDQ output exceeds 16% of its set voltage, the
low-side MOSFET is latched on. It stays latched and the
SMPS stays off until the EN/PSV input is toggled or VCCA
is recycled. There is a 5μs delay built into the OV protec-
tion circuit to prevent false transitions. During a VDDQ OV
shutdown, VTT is alive until VDDQ falls to typically 0.4V, at
which point VTT is tri-stated.
When VTT exceeds 12% above its set voltage, the VTT
regulator will tristate. There is a 50μs delay to prevent false
OV trips due to transients or noise. The VDDQ regulator
continues to operate after VTT OV shutdown. The VTT OV
condition is removed by toggling VTTEN or EN/PSV, or by
recycling VCCA.
Smart Over-Voltage Protection
In some applications, the active loads on VDDQ can actu-
ally leak current into VDDQ. If PSAVE mode is enabled at
very light loading, this leak can cause VDDQ to slowly rise
and reach the OV threshold, causing a hard shutdown. To
prevent this, the SC488 uses Smart OVP to prevent this.
When VDDQ exceeds 8% above nominal, DL drives high to
turn on the low-side MOSFET, which starts to draw current
from VDDQ via the inductor. When VDDQ drops to the FB
trip point, a normal TON switching cycle begins. This pre-
vents a hard OV shutdown.
Output Under-Voltage Protection
When VDDQ falls 30% below its set point for eight clock
cycles, the VDDQ output is shut off; the DL/DH drives are
pulled low to tristate the MOSFETS, and the SMPS stays
off until the Enable input is toggled or VCCA is recycled.
When VTT is 12% below its set voltage the VTT output is
tristated. There is a 50μs delay for VTT built into the UV
protection circuits to prevent false transitions.
POR, UVLO and Soft-Start
An internal power-on reset (POR) occurs when VCCA
exceeds 3V, resetting the fault latch and soft-start counter,
and preparing the PWM for switching. VCCA under-voltage
lockout (UVLO), circuitry inhibits switching and tristates
the drivers until VCCA rises above 4.2V. At this time the
circuit will come out of UVLO and begin switching and the
softstart circuit will progressively limit the output current
over a pre-determined time period. The ramp occurs in
four steps: 25%, 50%, 75% and 100%, thereby limiting
the slew rate of the output voltage. There is 100mV of
hysteresis built into the UVLO circuit and when VCCA falls
to 4.1V the output drivers are shutdown and tristated.
MOSFET Gate Drivers
The DH and DL drivers are optimized for moderate,
highside, and larger low-side power MOSFETs. An adaptive
dead-time circuit monitors the DL output and prevents the
high-side MOSFET from turning on until DL is fully off, and
conversely, monitors the DH output and prevents the low
side MOSFET from turning on until DH is fully off.
(Note: be sure there is low resistance and low inductance
between the DH and DL outputs to the gate of each MOSFET.)
Design Procedure
Prior to designing a switch mode supply for a notebook
computer, the input voltage, load current, switching
frequency and inductor ripple current must be specified.
Input Voltage Range
The maximum input voltage (VINMAX) is determined by the
highest AC adaptor voltage. The minimum input voltage
(VINMIN) is determined by the lowest battery voltage after
accounting for voltage drops due to connectors, fuses and
battery selector switches.
Maximum Load Current
There are two values of load current to consider:
continuous load current and peak load current.
Continuous load current has more to do with thermal
stresses and therefore drives the selection of input
capacitors, MOSFETs and commutation diodes. Peak load
current determines instantaneous component stresses
and filtering requirements such as, inductor saturation,
output capacitors and design of the current limit circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com