| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC1176ATSTR bảng dữ liệu(PDF) 21 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1176ATSTR bảng dữ liệu(HTML) 21 Page - Semtech Corporation |
|
21 / 23 page ![]() 21 2006 Semtech Corp. www.semtech.com POWER MANAGEMENT SC1176/SC1176A Power and signal traces must be kept separated for noise considerations. Feedback, current sense traces and ana- log ground should not cross any traces or planes carrying high switching currents, such as the input loop or the phase node. The input loop, consisting of the input capacitors and both MOSFETs must be kept as small as possible. All of the high switching currents occur in this loop. The en- closed loop area must be kept small to minimize induc- tance and radiated and conducted emissions. Designing for minimum trace length is not always the best approach, often a more optimum layout can be achieved by keep- ing loop area constraints in mind. It is important to keep gate lengths short, the IC must be close to the power switches. This is more difficult in a dual channel device than a single and requires that the two power paths run on either side of a centrally located controller. Grounding requirements are always conflicting in a buck converter, especially at high power, and the trick is to achieve the best compromise. Power ground (PGND) should be returned to the bottom MOSFET source to pro- vide the best gate current return path. Analog ground (GND) should be returned to the ground side of the out- put capacitors so that the analog circuitry in the control- ler has an electrically quiet reference and to provide the greatest feedback accuracy. The problem is that the dif- ferential voltage capability of the two IC grounds is lim- ited to about 1V for proper operation and so the physical separation between the two grounds must also be mini- mized. If the grounds are too far apart, fast current tran- sitions in the connection can generate voltage spikes exceeding the 1V capability, resulting in unstable and er- ratic behavior. The feedback divider must be close to the IC and be returned to analog ground. Current sense traces must be run parallel and close to each other and to analog ground. The IC must have a ceramic decoupling capacitor across its supply pins, mounted as close to the device as pos- sible. The small ceramic, noise-filtering capacitors on the current sense lines should also be placed as close to the IC as possible. Layout Guidelines |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |